Part Number Hot Search : 
GP4065D 1N754 LTC4266A FW349 1N754 ZM4745A GP1S58V MTZJ36B
Product Description
Full Text Search
 

To Download RG11AP24VAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RELAY
Adam Technologies, Inc.
GENERAL PURPOSE RELAY-TYPE RG1
R SERIES
INTRODUCTION: Adam Tech RG1 relays are small size general purpose relays available in four different contact formats with either AC or DC activated coils. These relays are available with PCB, Solder, or Quick Connect terminals and a Flange Mount cover option. Rated up to 15 amps, they are ideal for applications such as industrial control equipment, office machines, and medical equipment. FEATURES: Contact ratings up to 15 amps AC and DC coils available Top mount flange option SPECIFICATIONS: ELECTRICAL: Contact arrangements: 1 Form A & 1 Form C / 2 Form A & 2 Form C Contact material: Silver Alloy Contact Rating (Resistive load): 15A @ 250V AC 15A @ 30V DC Max. Switching Voltage: 250V AC / 30V DC Max. Switching Power: 3750VA / 450W Contact resistance: 50 m max. Initial Insulation resistance: 500 M min. @ 500V DC Dielectric withstanding voltage: Between Coil & Contact: 2500V AC 50/60Hz for 1 min. Between Contacts: 1500V AC 50/60Hz for 1 min. Operating time: 25 ms max. Release time: 25 ms max. Electrical Life: 100,000 Operations (at rated load) MECHANICAL: Vibration resistance (Endurance): 1.0mm double amplitude10-55Hz Shock resistance: 10G min. Mechanical Life: 10,000,000 Operations (no load) TEMPERATURE RATING: Ambient temperature: -45C to +85C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: cUL Recognized File No. E305638
RG1-2C-QC-110VAC-F
RG1-2C-QC-110VAC
ORDERING INFORMATION GENERAL PURPOSE RELAY RG1 1C P 24 VDC
SERIES INDICATOR RG1 = Relay, General Purpose CONTACT FORM 1A = 1 form A 1C = 1 form C 2A = 2 form A 2C = 2 form C
TERMINALS P = PCB Terminals S = Solder/Plug-In QC = .187" Quick Connects
COIL TYPE VAC = Volts AC VDC = Volts DC
COIL VOLTAGE 5 = 5V 6 = 6V 9 = 9V 12 = 12V 24 = 24V 48 = 48V 110 = 110V 220 = 220V
OPTION: Add designator(s) to end of part number F = Top Mount flange
Pb
UL
(R)
(R)
c
(R)
US
V RoHS DE
COMPLIANT 2002 / 95 / EC
RoHS
COMPLIANT
58
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
RELAY
Adam Technologies, Inc.
.885 [22.50] MAX. 1.732 [44.00] MAX .3937 [10.00]
GENERAL PURPOSE RELAY-TYPE RG1
R SERIES
RG1 SERIES
.181 [4.60] 1.397 [35.50] MAX o.098 [2.50]
.417 [10.60]
.698 [17.75]
.559 [14.20]
Recommended PCB Layout
1.102 [35.50] MAX .141 [3.60] TOP MOUNT FLANGE OPTION 12 13 1 .181 [4.60] 3 5 7 2 4 6 8 .417 [10.60] 1.496 [38.00] .698 [17.75] 1.732 [40.00] MAX 1 FORM A 1 Form A 2 FORM AA 2 Form 14 2 1 5 9 13 4 8 12 14
2 7 TERMINAL OPTIONS SOLDER PCB .187" Q.C. 13 12 14
1 4 7 13
2 5 8 14
1 Form C 1 FORM C
DC Types @ 20 DCTypes @ 20 C C Nominal Voltage V DC 6 12 24 48 110/120 Pick-up Voltage V DC (max.) 4.8 9.6 19.2 38.4 88 Drop-out Voltage V DC (min.) 0.6 1.2 2.4 4.8 11 Nominal Operating Current mA (10%) 150 75 37 18.5 10 Coil Resistance (10%) 40 160 640 2,560 13,400 Operating Power W Nominal 0.9 0.9 0.9 0.9 0.9 Minimum 0.58 0.58 0.58 0.58 0.58 Max allowable Voltage V DC 6.6 13.2 26.4 52.8 121
2 Form 2 FORM CC
ACTypes (50/60 Hz) at 60 Hz, 60 C 20 C AC Types (50/60 Hz) @ 20 Hz,
Nominal Voltage V AC 6 12 24 48 110/120 220/240 Pick-up Voltage V DC (max.) 4.8 9.6 19.2 38.4 88 176 Drop-out Voltage V DC (min.) 1.2 2.4 4.8 9.6 22 44 Nominal Operating Current mA (10%) 220 110 60 30 13.5 / 14.5 6.0 / 6.5 Coil Resistance (10%) 10 40 160 650 3,400 1,360 Nominal 1.20 Minimum 0.77 Operating Power VA Max allowable Voltage V DC 6.6 13.2 26.4 52.8 132 264
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
59


▲Up To Search▲   

 
Price & Availability of RG11AP24VAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X